Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU1260CP Datasheet (PDF) - International Rectifier

IRU1260CP Datasheet PDF - International Rectifier
Part # IRU1260CP
Download  IRU1260CP Download
File Size   128.65 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1260CP Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1260CP Datasheet PDF - International Rectifier

Part # IRU1260CP
Download  IRU1260CP Click to download

File Size   128.65 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1260CP Datasheet (HTML) - International Rectifier


IRU1260CP Product details

DESCRIPTION
The IRU1260 uses a proprietary process and combines a dual low dropout adjustable output regulator in a single package with one output having a minimum of 6A and the other one having a 1A output current capability. This product is specifically designed to provide well regulated supplies for low voltage ICs such as 3.3V to 1.5V and 2.5V supplies for the GTL+ termination and the new clock for Pentium II applications. Other applications include low cost dual supply for processors such as Intel P55C where 2.8V and 3.3 V are needed for the Core and the I/O supplies from the 5V input.

FEATURES
■ Guaranteed <1.3V Dropout at 6A (Output #2)
■ Guaranteed <0.6V Dropout at 1A (Output #1)
■ Fast Transient Response
■ 1% Voltage Reference Initial Accuracy
■ Built-In Thermal Shutdown

APPLICATIONS
■ Providing a Single Package Solution for GTL+ and High Speed Bus Termination
■ Dual Supply P55C™ Applications




Similar Part No. - IRU1260CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260CP IRF-IRU1260CP Datasheet
76Kb / 12P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Similar Description - IRU1260CP

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
International Rectifier
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com