Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDI6N65B Datasheet (PDF) - MagnaChip Semiconductor.

MDI6N65B Datasheet PDF - MagnaChip Semiconductor.
Part # MDI6N65B
Download  MDI6N65B Download
File Size   935.49 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 5.7A, 1.45(ohm)

MDI6N65B Datasheet (PDF)

Go To PDF Page Download Datasheet
MDI6N65B Datasheet PDF - MagnaChip Semiconductor.

Part # MDI6N65B
Download  MDI6N65B Click to download

File Size   935.49 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 650V, 5.7A, 1.45(ohm)

MDI6N65B Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDI6N65B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDI6N65BTH ISC-MDI6N65BTH Datasheet
364Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDI6N65B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
336Kb / 7P
Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
logo
MagnaChip Semiconductor...
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
MDF11N65B MGCHIP-MDF11N65B Datasheet
787Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
N-Channel MOSFET 650V, 14A, 0.46(ohm)
MDFS11N65B MGCHIP-MDFS11N65B Datasheet
895Kb / 6P
N-Channel MOSFET 650V, 12A, 0.65(ohm)
MMF65R190P MGCHIP-MMF65R190P Datasheet
1Mb / 10P
650V 0.19(ohm) N-channel MOSFET
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
650V 0.19(ohm) N-channel MOSFET
MMFT65R195P MGCHIP-MMFT65R195P Datasheet
1Mb / 10P
650V 0.195(ohm) N-channel MOSFET
logo
Will Semiconductor Ltd.
WNM3011 WILLSEMI-WNM3011 Datasheet
471Kb / 7P
N-Channel, 30V, 5.7A, Power MOSFET
WNMD8205A WILLSEMI-WNMD8205A Datasheet
2Mb / 8P
Dual N-Channel, 20V, 5.7A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com