Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC3564B Datasheet (PDF) - Sanyo Semicon Device

LC3564B Datasheet PDF - Sanyo Semicon Device
Part # LC3564B
Download  LC3564B Download
File Size   137.66 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins

LC3564B Datasheet (PDF)

Go To PDF Page Download Datasheet
LC3564B Datasheet PDF - Sanyo Semicon Device

Part # LC3564B
Download  LC3564B Click to download

File Size   137.66 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins

LC3564B Datasheet (HTML) - Sanyo Semicon Device


LC3564B Product details

Overview

The LC3564B, LC3564BS, LC3564BM, and LC3564BT are 8192-word ×8-bit asynchronous silicon gate CMOS SRAMs. These are full CMOS type SRAMs that adopt a six-transistor memory cell and feature fast access times, low operating power dissipation, and an ultralow standby current.



Features

• Supply voltage range:  2.7 to 5.5 V

— In 5-V operation mode: 5.0 V ±10%

— In 3-V operation mode: 3.0 V ±10%

• Address access time (tAA)

— In 5-V operation mode:

  LC3564B, BS, BM, and BT-70: 70 ns (max)

  LC3564B, BS, BM, and BT-10: 100 ns (max)

— In 3-V operation mode:

  LC3564B, BS, BM, and BT-70: 200 ns (max)

  LC3564B, BS, BM, and BT-10: 500 ns (max)

• Ultralow standby current

— In 5-V operation mode: 1.0 µA (Ta ≤70°C), 3.0 µA (Ta ≤85°C)

— In 3-V operation mode: 0.8 µA (Ta ≤70°C), 2.5 µA (Ta ≤85°C)

• Operating temperature range

— In 5-V operation mode: –40 to 85°C

— In 3-V operation mode: –40 to 85°C

• Data retention supply voltage: 2.0 to 5.5 V

• All input and output levels:

— In 5-V operation mode: TTL compatible levels

— In 3-V operation mode: VCC –0.2 V/0.2 V

• Three control inputs: OE, CE1, and CE2

• Shared input and output pins, three-state outputs

• No clock required

• Packages

  28-pin DIP (600 mil) plastic package: LC3564B

  28-pin DIP (300 mil) plastic package: LC3564BS

  28-pin SOP (450 mil) plastic package: LC3564BM

  28-pin TSOP (8 ×13.4 mm) plastic package: LC3564BT




Similar Part No. - LC3564B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-55U SANYO-LC3564CM-55U Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CM-70U SANYO-LC3564CM-70U Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT SANYO-LC3564CT Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564CT-55U SANYO-LC3564CT-55U Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results


Similar Description - LC3564B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
64K (8192 words x 8 bits) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
64K (8192 words x 8 bits) SRAM?
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC3564CM SANYO-LC3564CM Datasheet
71Kb / 11P
64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com