Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164A Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C164A Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C164A
Download  AS7C164A Download
File Size   459.71 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Fully static operation

AS7C164A Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C164A Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C164A
Download  AS7C164A Click to download

File Size   459.71 Kbytes
Page   10 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Fully static operation

AS7C164A Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C164A Product details

GENERAL DESCRIPTION
The AS7C164A is a 65,536-bit high speed CMOS static random access memory organized as 8,192 words by 8 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature.

FEATURES
■ Fast access time : 12/15 ns
■ Low power consumption:
    Operating current : 110/100/90/80mA (TYP.)
    Standby current : 1mA (TYP.)
■ Single 5V power supply
■ All inputs and outputs TTL compatible
■ Fully static operation
■ Tri-state output
■ Data retention voltage : 2.0V (MIN.)
■ Green package available
■ Package : 28-pin 300 mil SOJ




Similar Part No. - AS7C164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Similar Description - AS7C164A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
Fully static operation
AS6C2016 ALSC-AS6C2016 Datasheet
525Kb / 13P
Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
Fully static operation
AS7C316098B ALSC-AS7C316098B Datasheet
915Kb / 12P
Fully static operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com