Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C164A
Description  Fully static operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C164A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
NC
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
SOJ
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
CE2
CE#
OE#
WE#
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
0 to 70(C grade)
T
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
A
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65 to 150
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
1
W
I
t
n
e
r
r
u
C
t
u
p
t
u
O
C
D
OUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.
TRUTH TABLE
MODE
CE#
CE2
OE#
WE#
I/O OPERATION
SUPPLY CURRENT
H
X
X
X
High-Z
ISB1
Standby
X
L
X
X
High-Z
ISB1
Output Disable
L
H
H
H
High-Z
ICC
Read
L
H
L
H
DOUT
ICC
Write
L
H
X
L
DIN
ICC
Note: H = VIH, L = VIL, X = Don't care.
NOVEMBER 2009
AS7C164A
8K X 8 BIT HIGH SPEED CMOS SRAM
NOVEMBER/2009 V1.2
Page 2 of 10
Alliance Memory Inc



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com