Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C164A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C164A
Description  Fully static operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C164A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C164A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Fast access time : 12/15 ns
Low power consumption:
Operating current : 110/100/90/80mA (TYP.)
Standby current : 1mA (TYP.)
Single 5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 28-pin 300 mil SOJ
GENERAL DESCRIPTION
The AS7C164A is a 65,536-bit high speed CMOS static
random access memory organized as 8,192 words
by
8
bits.
It
is
fabricated
using
very
high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The AS7C164A is well designed for high speed system
applications, and particularly well suited for battery
back-up nonvolatile memory application.
The AS7C164A operates from a single power supply
of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.) Operating(Icc,TYP.)
AS7C164A
0 ~ 70℃
4.5 ~ 5.5V
12/15ns
1mA
110/100/90/80mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
8Kx8
MEMORY ARRAY
COLUMN I/O
A0-A12
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A12
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection
NOVEMBER 2009
AS7C164A
8K X 8 BIT HIGH SPEED CMOS SRAM
NOVEMBER/2009 V1.2
Page 1 of 10
Alliance Memory Inc


Similar Part No. - AS7C164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
8K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - AS7C164A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C1608 ALSC-AS6C1608 Datasheet
1Mb / 13P
Fully static operation
AS6C2016 ALSC-AS6C2016 Datasheet
525Kb / 13P
Fully static operation
AS6C4016 ALSC-AS6C4016 Datasheet
631Kb / 12P
Fully static operation
AS6C8016 ALSC-AS6C8016 Datasheet
738Kb / 12P
Fully static operation
AS7C34096A-8TIN ALSC-AS7C34096A-8TIN Datasheet
681Kb / 11P
Fully static operation
AS7C34098A-8TIN ALSC-AS7C34098A-8TIN Datasheet
710Kb / 14P
fully static operation
AS7C38096A ALSC-AS7C38096A Datasheet
395Kb / 11P
Fully static operation
AS7C316096A ALSC-AS7C316096A Datasheet
368Kb / 11P
Fully static operation
AS7C316098A ALSC-AS7C316098A Datasheet
463Kb / 13P
Fully static operation
AS7C316098B ALSC-AS7C316098B Datasheet
915Kb / 12P
Fully static operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com