Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW1345 Datasheet (PDF) - Motorola, Inc

MHW1345 Datasheet PDF - Motorola, Inc
Part # MHW1345
Download  MHW1345 Download
File Size   105.85 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description GENERAL PURPOSE LINEAR AMPLIFIER MODULE

MHW1345 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW1345 Datasheet PDF - Motorola, Inc

Part # MHW1345
Download  MHW1345 Click to download

File Size   105.85 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description GENERAL PURPOSE LINEAR AMPLIFIER MODULE

MHW1345 Datasheet (HTML) - Motorola, Inc


MHW1345 Product details

The RF Line
General Purpose Linear Amplifier Module

Description
• 24 Vdc Supply, 10 to 200 MHz, General Purpose Linear Amplifier Module

Features
• 34.5 dB Typical Gain @ 100 MHz
• Silicon Bipolar Technology
• Class A Operation
• Typical ITO = +44 dBm @ 200 MHz
• Unconditionally Stable Under All Load Conditions

Applications
• Driver Amplifier in 50 Ohm Systems Requiring High Linearity
• Instrumentation Amplifiers
• Return Path Amplifier on CATV Systems Operating in the 10 to 200 MHz Frequency Range
• Possible Replacement for CA2830C




Similar Part No. - MHW1345

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1345N FREESCALE-MHW1345N Datasheet
89Kb / 4P
General Purpose Linear Amplifier Module
More results


Similar Description - MHW1345

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Freescale Semiconductor...
MHW1345N FREESCALE-MHW1345N Datasheet
89Kb / 4P
General Purpose Linear Amplifier Module
logo
RF Micro Devices
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com