Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232EC Datasheet (PDF) - STMicroelectronics

ST3232EC Datasheet PDF - STMicroelectronics
Part # ST3232EC
Download  ST3232EC Download
File Size   810.08 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

ST3232EC Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3232EC Datasheet PDF - STMicroelectronics

Part # ST3232EC
Download  ST3232EC Click to download

File Size   810.08 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 250 kbps minimum guaranteed data rate

ST3232EC Datasheet (HTML) - STMicroelectronics


ST3232EC Product details

Description

The ST3232E is a 3V powered EIA/TIA-232 and V.28/V.24 communication interfaces with low power requirements, high data-rate capabilities and enhanced electrostatic discharge (ESD) protection to ±8kV using IEC1000-4-2 Contact Discharge and ±15kV using the Human Body Model. ST3232E has a proprietary low dropout transmitter output stage providing true RS-232 performance from 3 to 5V supplies with a dual charge pump. The charge pump requires only four small 0.1µF standard external capacitors for operations from 3V supply. The ST3232E has two receivers and two drivers.



Feature summary

■ ESD protection for RS-232 I/O pins

■ ±15KV human body model

■ ±8KV IEC 1000-4-2 contact discharge

■ 300µA supply current

■ 250Kbps minimum guaranteed data rate

■ 6V/µs minimum guaranteed slew rate

■ Meet EIA/TIA-232 specifications down to 3V

■ Available in DIP-16, SO-16, SO-16 large SSOP16 and TSSOP16




Similar Part No. - ST3232EC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3232EC STMICROELECTRONICS-ST3232EC Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
ST3232ECD STMICROELECTRONICS-ST3232ECD Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
ST3232ECDR STMICROELECTRONICS-ST3232ECDR Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
More results


Similar Description - ST3232EC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Level One
SK70704 LVL1-SK70704 Datasheet
3Mb / 40P
1168 kbps HDSL Data Pump Chip Set
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Analog Devices
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
STMicroelectronics
ST3243EB STMICROELECTRONICS-ST3243EB Datasheet
633Kb / 16P
Guaranteed 6 V/ms slew rate range
16-Oct-2009
ST4485EB STMICROELECTRONICS-ST4485EB Datasheet
392Kb / 18P
Guaranteed 20 Mbps data rate
September 2013 Rev 2
STLV3243EB STMICROELECTRONICS-STLV3243EB Datasheet
261Kb / 16P
250 kbps minimum guaranteed data rate
21-Jan-2009
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
100Mbps Guaranteed Data Rates
Rev 2; 12/20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com