Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232EC Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST3232EC
Description  250 kbps minimum guaranteed data rate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232EC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST3232EC Datasheet HTML 6Page - STMicroelectronics ST3232EC Datasheet HTML 7Page - STMicroelectronics ST3232EC Datasheet HTML 8Page - STMicroelectronics ST3232EC Datasheet HTML 9Page - STMicroelectronics ST3232EC Datasheet HTML 10Page - STMicroelectronics ST3232EC Datasheet HTML 11Page - STMicroelectronics ST3232EC Datasheet HTML 12Page - STMicroelectronics ST3232EC Datasheet HTML 13Page - STMicroelectronics ST3232EC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Package mechanical data
ST3232EB - ST3232EC
10/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.068
a1
0.1
0.25
0.004
0.010
a2
1.64
0.063
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.3850.393
E5.8
6.2
0.228
0.244
e
1.27
0.050
e38.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 mechanical data
0016020D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com