Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3232EC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST3232EC
Description  250 kbps minimum guaranteed data rate
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3232EC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST3232EC Datasheet HTML 8Page - STMicroelectronics ST3232EC Datasheet HTML 9Page - STMicroelectronics ST3232EC Datasheet HTML 10Page - STMicroelectronics ST3232EC Datasheet HTML 11Page - STMicroelectronics ST3232EC Datasheet HTML 12Page - STMicroelectronics ST3232EC Datasheet HTML 13Page - STMicroelectronics ST3232EC Datasheet HTML 14Page - STMicroelectronics ST3232EC Datasheet HTML 15Page - STMicroelectronics ST3232EC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Package mechanical data
ST3232EB - ST3232EC
12/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2
0.079
A1
0.05
0.21
0.002
0.008
A2
1.65
1.85
0.065
0.073
b
0.22
0.38
0.009
0.015
c0.09
0.25
0.0035
0.0098
D5.9
6.5
0.232
0.256
E7.4
8.2
0.2910.323
E1
5.3
5
5.6
0.197
0.209
0.220
e
0.65
0.0256
K0°
8°0°
L
0.55
0.95
0.022
0.037
SSOP16 mechanical data
c
E
b
A2
A
E1
D
1
PIN 1 IDENTIFICATION
A1
L
K
e
7299589/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com