Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4305 Datasheet (PDF) - Toshiba Semiconductor

MP4305 Datasheet PDF - Toshiba Semiconductor
Part # MP4305
Download  MP4305 Download
File Size   145.91 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)

MP4305 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4305 Datasheet PDF - Toshiba Semiconductor

Part # MP4305
Download  MP4305 Click to download

File Size   145.91 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)

MP4305 Datasheet (HTML) - Toshiba Semiconductor


MP4305 Product details

High Power Switching Applications
Hammer Drive, Pulse Motor Drive and Inductive Load Switching

• Small package by full molding (SIP 12 pin)
• High collector power dissipation (4 devices operation)
   : PT = 4.4 W (Ta = 25°C)
• High collector current: IC (DC) = −5 A (max)
• High DC current gain: hFE = 2000 (min) (VCE = −5 V, IC = −3 A)
• Diode included for absorbing fly-back voltage




Similar Part No. - MP4305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4305 TOSHIBA-MP4305 Datasheet
162Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
logo
Toshiba Semiconductor
MP4305 TOSHIBA-MP4305_07 Datasheet
162Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4305

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4513 TOSHIBA-MP4513 Datasheet
142Kb / 6P
TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
29-Oct-2001
MP4502 TOSHIBA-MP4502 Datasheet
263Kb / 5P
TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE
MP4006 TOSHIBA-MP4006 Datasheet
165Kb / 7P
Silicon NPN&PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4304 TOSHIBA-MP4304 Datasheet
140Kb / 5P
TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
20-Nov-2002
2SA2065 TOSHIBA-2SA2065 Datasheet
135Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
29-Oct-2001
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
21-Aug-2000
2SB1067 TOSHIBA-2SB1067_06 Datasheet
192Kb / 5P
Silicon PNP Epitaxial Type (Darlington Power Transistor)
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com