Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4513 Datasheet (PDF) - Toshiba Semiconductor

MP4513 Datasheet PDF - Toshiba Semiconductor
Part # MP4513
Download  MP4513 Download
File Size   142.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)

MP4513 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4513 Datasheet PDF - Toshiba Semiconductor

Part # MP4513
Download  MP4513 Click to download

File Size   142.51 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)

MP4513 Datasheet (HTML) - Toshiba Semiconductor


MP4513 Product details

High Power Switching Applications.
Hammer Drive, Pulse Motor Drive and Inductive Load Switching.

• Package with heat sink isolated to lead (SIP 12 pin)
• High collector power dissipation (4 devices operation)
   : PT = 5 W (Ta = 25°C)
• High collector current: IC (DC) = 5 A (max)
• High DC current gain: hFE = 1000 (min) (VCE = 3 V, IC = 3 A)
• Diode included for absorbing fly-back voltage.




Similar Part No. - MP4513

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4514 TOSHIBA-MP4514 Datasheet
139Kb / 5P
Power Transistor Module Silicon NPN Epitaxial Type
MP4514 TOSHIBA-MP4514 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4514 TOSHIBA-MP4514_07 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results


Similar Description - MP4513

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
MP4305 TOSHIBA-MP4305 Datasheet
145Kb / 6P
TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4304 TOSHIBA-MP4304 Datasheet
140Kb / 5P
TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SD1415AF TOSHIBA-2SD1415AF Datasheet
156Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com