Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4513 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP4513
Description  TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4513 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP4513 Datasheet HTML 1Page - Toshiba Semiconductor MP4513 Datasheet HTML 2Page - Toshiba Semiconductor MP4513 Datasheet HTML 3Page - Toshiba Semiconductor MP4513 Datasheet HTML 4Page - Toshiba Semiconductor MP4513 Datasheet HTML 5Page - Toshiba Semiconductor MP4513 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MP4513
2002-11-20
1
TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
MP4513
High Power Switching Applications.
Hammer Drive, Pulse Motor Drive and Inductive Load
Switching.
· Package with heat sink isolated to lead (SIP 12 pin)
· High collector power dissipation (4 devices operation)
: PT = 5 W (Ta = 25°C)
· High collector current: IC (DC) = 5 A (max)
· High DC current gain: hFE = 1000 (min) (VCE = 3 V, IC = 3 A)
· Diode included for absorbing fly-back voltage.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
Collector-emitter voltage
VCEO
100
V
Emitter-base voltage
VEBO
5
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Continuous base current
IB
0.1
A
Collector power dissipation
(1 device operation, Ta = 25°C)
PC
3.0
W
Ta = 25°C
5.0
Collector power
dissipation
(4 devices operation)
Tc = 25°C
PT
25
W
Isolation voltage
VIsol
1000
V
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Array Configuration
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-32B1A
Weight: 6.0 g (typ.)
1
R1 R2
7
R1 ≈ 5 kΩ
R2 ≈ 150 Ω
6
12
8
5
2
3
10
4
9
11


Similar Part No. - MP4513

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP4514 TOSHIBA-MP4514 Datasheet
139Kb / 5P
Power Transistor Module Silicon NPN Epitaxial Type
20-Nov-2002
MP4514 TOSHIBA-MP4514 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4514 TOSHIBA-MP4514_07 Datasheet
184Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP4513

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
MP4305 TOSHIBA-MP4305 Datasheet
145Kb / 6P
TOSHIBA Power Transistor Module Silicon PNP Epitaxial Type (Darlington power transistor 4 in 1)
MP4304 TOSHIBA-MP4304 Datasheet
140Kb / 5P
TOSHIBA Power Transistor Module Silicon NPN Epitaxial Type (high gain power transistor 4 in 1)
20-Nov-2002
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
05-Nov-2001
MP4025 TOSHIBA-MP4025 Datasheet
60Kb / 2P
Power Transistor Module Silicon NPN Epitaxial Type (darlington power transistor 4 in 1)
21-Aug-2000
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SD1415AF TOSHIBA-2SD1415AF Datasheet
156Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com