Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4513 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # MP4513
Description  TOSHIBA Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4513 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  MP4513 Datasheet HTML 1Page - Toshiba Semiconductor MP4513 Datasheet HTML 2Page - Toshiba Semiconductor MP4513 Datasheet HTML 3Page - Toshiba Semiconductor MP4513 Datasheet HTML 4Page - Toshiba Semiconductor MP4513 Datasheet HTML 5Page - Toshiba Semiconductor MP4513 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MP4513
2002-11-20
3
Flyback-Diode Rating and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward current
IFM
―
―
―
3
A
Reverse current
IR
VR = 100 V
―
―
0.4
µA
Reverse voltage
VR
IR = 100 µA
100
―
―
V
Forward voltage
VF
IF = 1 A
―
―
1.8
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com