Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC8-4BN4 Datasheet (PDF) - STMicroelectronics

ESDAVLC8-4BN4 Datasheet PDF - STMicroelectronics
Part # ESDAVLC8-4BN4
Download  ESDAVLC8-4BN4 Download
File Size   352.51 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line very low capacitance Transil??array for ESD protection

ESDAVLC8-4BN4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDAVLC8-4BN4 Datasheet PDF - STMicroelectronics

Part # ESDAVLC8-4BN4
Download  ESDAVLC8-4BN4 Click to download

File Size   352.51 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-line very low capacitance Transil??array for ESD protection

ESDAVLC8-4BN4 Datasheet (HTML) - STMicroelectronics


ESDAVLC8-4BN4 Product details

Description
The ESDAVLC8-4BN4 is monolithic array designed to protect up to 4 lines against ESD transients. It has been designed specifically for the protection of the high speed interface of integrated circuits in portable equipment and miniaturized electronics devices. The µQFN-4L

Features
■ Stand-off voltage: 3 V
■ Very low capacitance: 4.5 pF
■ Small package: 1.0 x 0.8 mm
■ Very thin package: 0.40 mm max
■ Low leakage current: 50 nA at 25 °C Benefits
■ High ESD robustness of the equipment
■ Suitable for high speed interface Complies with the following standards:
■ IEC 61000-4-2: – ±15 kV (air discharge) – ±8 kV (contact discharge)
■ MIL STD 883G- Method 3015-7: class3B: – >25 kV (human body model)




Similar Part No. - ESDAVLC8-4BN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDAVLC8-1BT2 STMICROELECTRONICS-ESDAVLC8-1BT2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDAVLC8-1BT2Y STMICROELECTRONICS-ESDAVLC8-1BT2Y Datasheet
350Kb / 13P
Single-line bidirectional protection
15-Jul-2014
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
More results


Similar Description - ESDAVLC8-4BN4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
327Kb / 8P
Dual low capacitance TRANSIL??array for ESD protection
2006-Jun-16
ESDALC6V1M6 STMICROELECTRONICS-ESDALC6V1M6 Datasheet
179Kb / 8P
4 and 5 line low capacitance TRANSIL array for ESD protection
21-Dec-2005
ESDALC6V1-1M2 STMICROELECTRONICS-ESDALC6V1-1M2 Datasheet
147Kb / 10P
Single line low capacitance Transil for ESD protection
26-Nov-2007
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDAVLC8-1BM2 STMICROELECTRONICS-ESDAVLC8-1BM2 Datasheet
206Kb / 13P
Single line low capacitance Transil for ESD protection
22-Jan-2010
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com