Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF5P21180 Datasheet (PDF) - Motorola, Inc

MRF5P21180 Datasheet PDF - Motorola, Inc
Part # MRF5P21180
Download  MRF5P21180 Download
File Size   390.0 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SEMICONDUCTOR TECHNICAL DATA

MRF5P21180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF5P21180 Datasheet PDF - Motorola, Inc

Part # MRF5P21180
Download  MRF5P21180 Click to download

File Size   390.0 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SEMICONDUCTOR TECHNICAL DATA

MRF5P21180 Datasheet (HTML) - Motorola, Inc


MRF5P21180 Product details

2170 MHz, 180 W AVG., 2 x W–CDMA, 28 V LATERAL N–CHANNEL RF POWER MOSFET

Designed for W–CDMA base station applications with frequencies from 2110 to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applications. To be used in Class AB for PCN–PCS/cellular radio and WLL applications.

• Typical 2–carrier W–CDMA Performance for VDD = 28 Volts, IDQ = 2 x 800 mA, f1 = 2135 MHz, f2 = 2145 MHz, Channel Bandwidth = 3.84 MHz, Adjacent Channels Measured over 3.84 MHz BW @ f1 – 5 MHz and f2 + 5 MHz. Distortion Products Measured over a 3.84 MHz BW @ f1 – 10 MHz and f2 + 10 MHz, Each Carrier Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF.
        Output Power — 38 Watts Avg.
        Power Gain — 14 dB
        Efficiency — 25.5%
        IM3 — 37.5 dBc
        ACPR — –41 dBc
• Internally Matched, Controlled Q, for Ease of Use
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 2140 MHz, 180 Watts CW Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal Impedance Parameters
• Qualified Up to a Maximum of 32 VDD Operation




Similar Part No. - MRF5P21180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5P21045NR1 FREESCALE-MRF5P21045NR1 Datasheet
421Kb / 11P
RF Power Field-Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF5P21240 MOTOROLA-MRF5P21240 Datasheet
782Kb / 8P
RF POWER FIELD EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF5P21240R6 MOTOROLA-MRF5P21240R6 Datasheet
782Kb / 8P
RF POWER FIELD EFFECT TRANSISTOR
More results


Similar Description - MRF5P21180

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com