Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6122 Datasheet (PDF) - Analog Devices

AD6122 Datasheet PDF - Analog Devices
Part # AD6122
Download  AD6122 Download
File Size   250.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator

AD6122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6122 Datasheet PDF - Analog Devices

Part # AD6122
Download  AD6122 Click to download

File Size   250.75 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator

AD6122 Datasheet (HTML) - Analog Devices


AD6122 Product details

GENERAL DESCRIPTION
The AD6122 is a low power IF transmitter subsystem, specifically designed for CDMA applications. It consists of an I and Q modulator, a divide-by-two quadrature generator, high dynamic range IF amplifiers with voltage-controlled gain and a power-down control input. An integral low dropout regulator allows operation from battery voltages from 2.9 V to 4.2 V.

FEATURES
   Fully Compliant with IS98A and PCS Specifications
   Linear IF Amplifier
      –63 dB to +34 dB
      Linear-in-dB Gain Control
      Temperature-Compensated Gain Control
   Quadrature Modulator
      Modulates IFs from 50 MHz to 350 MHz
   Integral Low Dropout Regulator
      Accepts 2.9 V to 4.2 V Input from Battery
   Low Power
      10.4 mA at Midgain
      <10 μA Sleep Mode Operation
   Companion Receiver IF Chip Available (AD6121)

APPLICATIONS
   CDMA, W-CDMA, AMPS and TACS Operation
   QPSK Transmitters




Similar Part No. - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
More results


Similar Description - AD6122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6432 AD-AD6432 Datasheet
334Kb / 20P
GSM 3 V Transceiver IF Subsystem
REV.0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com