Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF-SF50 Datasheet (PDF) - Mini-Circuits

NF-SF50 Datasheet PDF - Mini-Circuits
Part # NF-SF50
Download  NF-SF50 Download
File Size   53.78 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM, DC to 18 GHz

NF-SF50 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF-SF50 Datasheet PDF - Mini-Circuits

Part # NF-SF50
Download  NF-SF50 Click to download

File Size   53.78 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM, DC to 18 GHz

NF-SF50 Datasheet (HTML) - Mini-Circuits




Similar Part No. - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-SF50 MINI-NF-SF50 Datasheet
229Kb / 1P
N-FEM to SMA-FEM
More results


Similar Description - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
MSWT-4-20 MINI-MSWT-4-20 Datasheet
244Kb / 2P
50ohm Transfer, DC to 2.0 GHz Low Video Leakage
logo
API Technologies Corp
6805 APITECH-6805 Datasheet
121Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com