Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF-SF50 Datasheet (PDF) - Mini-Circuits

NF-SF50 Datasheet PDF - Mini-Circuits
Part # NF-SF50
Download  NF-SF50 Download
File Size   229.37 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description N-FEM to SMA-FEM

NF-SF50 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF-SF50 Datasheet PDF - Mini-Circuits

Part # NF-SF50
Download  NF-SF50 Click to download

File Size   229.37 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description N-FEM to SMA-FEM

NF-SF50 Datasheet (HTML) - Mini-Circuits


NF-SF50 Product details

Features
• flat response
• excellent VSWR, 1.10:1 typ. up to 12.4 GHz and 1.15:1 typ. up to 18 GHz
• passivated stainless steel
• low cost adapters, available from stock

Applications
• interconnection of RF cables and equipment




Similar Part No. - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-SF50 MINI-NF-SF50 Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
More results


Similar Description - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
N-FEM to BNC-MALE
logo
RF Micro Devices
RF5604 RFMD-RF5604 Datasheet
753Kb / 9P
5V, 475MHZ TO 625MHZ FEM
logo
Mini-Circuits
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
Adapter, N-FEM to N-FEM
SFR-KF50 MINI-SFR-KF50 Datasheet
224Kb / 2P
Adapter SMA-Fem to 2.92mm-Fem
logo
Linx Technologies
CSJ-SGFB-CCC-MHF4 LINX-CSJ-SGFB-CCC-MHF4 Datasheet
100Kb / 1P
CBL ASSEMBLY, MHF4 TO FEM. BLKHD SMA, 0.81mm CBL
CSJ-SGFB-100-MHF3 LINX-CSJ-SGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD SMA, 0.81mm CBL
CSI-SGFE-100-UFFR LINX-CSI-SGFE-100-UFFR Datasheet
90Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM BLKHD SMA, 1.13mm CBL
CSI-SAFB-YYY-UFFR LINX-CSI-SAFB-YYY-UFFR Datasheet
84Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-MAR-14
CSI-SGFB-100-UFFR LINX-CSI-SGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-JUL-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com