Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5604 Datasheet (PDF) - RF Micro Devices

RF5604 Datasheet PDF - RF Micro Devices
Part # RF5604
Download  RF5604 Download
File Size   753.82 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5V, 475MHZ TO 625MHZ FEM

RF5604 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5604 Datasheet PDF - RF Micro Devices

Part # RF5604
Download  RF5604 Click to download

File Size   753.82 Kbytes
Page   9 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5V, 475MHZ TO 625MHZ FEM

RF5604 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF5604

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results


Similar Description - RF5604

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
logo
TAI-SAW TECHNOLOGY CO.,...
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
SAW Filter 475MHz SMD 5.0횞5.0mm
logo
Mini-Circuits
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
N-FEM to BNC-MALE
NF-SF50 MINI-NF-SF50 Datasheet
229Kb / 1P
N-FEM to SMA-FEM
logo
FCI connector
71600-060LF FCI-CONNECTOR-71600-060LF Datasheet
146Kb / 2P
QUICKIE III FEM
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Mini-Circuits
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
Adapter, N-FEM to N-FEM
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
Any frequency between 1MHz and 625MHz
05/15/2017
logo
Golledge Electronics Lt...
MP03079 GOLLEDGE-MP03079 Datasheet
72Kb / 5P
SAW Filter 475MHz
logo
Mini-Circuits
SFR-KF50 MINI-SFR-KF50 Datasheet
224Kb / 2P
Adapter SMA-Fem to 2.92mm-Fem
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com