Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5604 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5604
Description  5V, 475MHZ TO 625MHZ FEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5604 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5604 Datasheet HTML 1Page - RF Micro Devices RF5604 Datasheet HTML 2Page - RF Micro Devices RF5604 Datasheet HTML 3Page - RF Micro Devices RF5604 Datasheet HTML 4Page - RF Micro Devices RF5604 Datasheet HTML 5Page - RF Micro Devices RF5604 Datasheet HTML 6Page - RF Micro Devices RF5604 Datasheet HTML 7Page - RF Micro Devices RF5604 Datasheet HTML 8Page - RF Micro Devices RF5604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF5604
DS120127
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
Power Control Voltage (C_PD)
+5.5
VDC
DC Supply Current
260
mA
PA Input RF Power
+20*
dBm
Operating Ambient Temperature
0 to +70
°C
Reduced Performance Temperatures
-40 to 0 and +70 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity
MSL3
*Maximum PA Input RF Power with a 50
 load.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Conditions
T=25 °C, VCC=5.0VDC, C_PD=2.9VDC,
Freq=550MHz, circuit per evaluation board sche-
matic.
Supply Voltage (VDD)
4.75
5.0
5.25
V
Operating Ambient Temperature Range
(TAMB)
070
°C
DC Electrical Specifications
Supply Current (IDD)
200
mA
VDD=5.0V
Input Logic High (VIH)2.8
VDD
V
For C_PD; I<3mA (sink current)
1.7
VDD
V
For C_TR and C_ATT; I<100uA (sink current)
Input Logic Low (VIL)
-0.5
+0.4
V
For C_PD
-0.5
+0.05
V
For C_TR and C_ATT I<100uA (source current)
Shutdown Current
0.6
1.0
mA
C_PD=0V
0.4
0.8
mA
C_PD=0V, C_ATT=C_TR=0V
RX Chain
Frequency Range
475
625
MHz
Input Power Range
-80
0
dBm
Receive Signal BW<50MHz
Receive Gain 1 (GR1)-0.7
-1.0
dB
C_ATT=L
Receive Gain 2 (GR2)
-14.5
-15.7
-16.5
dB
C_ATT=H
Receive Gain Step Difference (
GR)
14.5
15.0
15.5
dB
GR1 to GR2 at any (single) Frequency
Pass Band Ripple
0.2
dB
Over any 50MHz
Switch Time
500
ns
GR2 to GR1; GR1 to GR2; 50% CTL to 10/90% RF
Impedance (ZIN/ZOUT)50
Single Ended
Input Return Loss (S11)11
15
dB
Output Return Loss (S22)11
15
dB
Input Third Order Intercept Point (IIP3)
28
30
dBm
GR1
28
33
dBm
GR2
Input P1dB (IP1dB)
18
dBm
GR1
18
dBm
GR2
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com