Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5604 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5604
Description  5V, 475MHZ TO 625MHZ FEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5604 Datasheet(HTML) 6 Page - RF Micro Devices

  RF5604 Datasheet HTML 1Page - RF Micro Devices RF5604 Datasheet HTML 2Page - RF Micro Devices RF5604 Datasheet HTML 3Page - RF Micro Devices RF5604 Datasheet HTML 4Page - RF Micro Devices RF5604 Datasheet HTML 5Page - RF Micro Devices RF5604 Datasheet HTML 6Page - RF Micro Devices RF5604 Datasheet HTML 7Page - RF Micro Devices RF5604 Datasheet HTML 8Page - RF Micro Devices RF5604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
RF5604
DS120127
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Metal Land Pattern
(Top View)
PCB Solder Mask Pattern
(Top View)
PCB Stencil Pattern
(Top View)
Note: Thermal vias for center slug “B” should be incorporated into the PCB design. The number and size of thermal vias will
depend on the application. Example of the number and size of vias can be found on the RFMD evaluation board layout.
Pin 1
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A = 0.400 mm Sq Typ
B = 2.900 mm Sq
A
2x 0.000
2x 0.700
2x 1.400
2x 2.100
2x 2.800
2x 3.500
1.750
4x 3.700
4x - 0.200
A
A
A
A
A = 0.530 mm Sq Typ
B = 3.030 mm Sq
Pin 1
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
2x 0.000
2x 0.700
2x 1.400
1.750
2x 2.100
2x 2.800
2x 3.500
4x 3.700
4x - 0.200
Pin 1
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A = 0.360 mm Sq Typ
B = 1.215 mm Sq Typ
2x 0.000
2x 0.700
2x 1.400
2x 2.100
2x 2.800
2x 3.500
2x 2.525
2x 0.975
4x 3.700
2x - 0.200
B
B
B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com