Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5604 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5604
Description  5V, 475MHZ TO 625MHZ FEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5604 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5604 Datasheet HTML 1Page - RF Micro Devices RF5604 Datasheet HTML 2Page - RF Micro Devices RF5604 Datasheet HTML 3Page - RF Micro Devices RF5604 Datasheet HTML 4Page - RF Micro Devices RF5604 Datasheet HTML 5Page - RF Micro Devices RF5604 Datasheet HTML 6Page - RF Micro Devices RF5604 Datasheet HTML 7Page - RF Micro Devices RF5604 Datasheet HTML 8Page - RF Micro Devices RF5604 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
16
15
14
13
5
6
7
8
9
10
11
12
4
3
2
1
17
18
19
20
C_PD
C_ATT
C_TR
TX_IN
RF IN/OUT
RX_OUT
Vdd
Vdd
Vdd
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RF5604
5V, 475MHZ TO 625MHZ FEM
The RF5604 is a 475MHz to 625MHz Front-End Module (FEM) for the distribution
of digital video within the home through existing coaxial cable. The FEM contains a
linear GaAs Heterojunction Bipolar Transistor (HBT) Power Amplifier (PA) with a
pHEMT Single-pole Double-throw (SPDT) switch, and a 1 bit step attenuator. The
device is fully integrated with 50
 input and output terminals with no external
matching components required. The RF5604 is assembled in a small footprint
4.5mmx4.5mm RoHS package.
Features
Integrated 50
 Input/Output
Match
Power Down Control
TX OIP3 39dBm
OP1dB 25dB
15dB RX Step Attenuator
Applications
MoCA
Satellite Set Top Boxes
DS120127

Package: 20-Pin, 4.5mmx4.5mmx0.975mm
RF56045V,
475MHz to
625MHz FEM
RF5604
5V, 475MHz to 625MHz FEM, Standard 25-Piece Bag
RF5604SB
5-Piece Bag
RF5604SR
Standard 100-Piece Reel
RF5604TR13
Standard 2500-Piece Reel
RF5604PCK-410
Fully Assembled Evaluation Board and 5-Piece Bag


Similar Part No. - RF5604

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5601 RFMD-RF5601 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601PCK-410 RFMD-RF5601PCK-410 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601SR RFMD-RF5601SR Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5601TR7 RFMD-RF5601TR7 Datasheet
361Kb / 9P
4.9GHz to 5.85GHz Low Noise Amplifier with Bypass
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5604

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
logo
TAI-SAW TECHNOLOGY CO.,...
TA0568A TAI-SAW-TA0568A Datasheet
439Kb / 6P
SAW Filter 475MHz SMD 5.0횞5.0mm
logo
Mini-Circuits
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
N-FEM to BNC-MALE
NF-SF50 MINI-NF-SF50 Datasheet
229Kb / 1P
N-FEM to SMA-FEM
logo
FCI connector
71600-060LF FCI-CONNECTOR-71600-060LF Datasheet
146Kb / 2P
QUICKIE III FEM
logo
RF Micro Devices
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Mini-Circuits
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
Adapter, N-FEM to N-FEM
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
Any frequency between 1MHz and 625MHz
05/15/2017
logo
Golledge Electronics Lt...
MP03079 GOLLEDGE-MP03079 Datasheet
72Kb / 5P
SAW Filter 475MHz
logo
Mini-Circuits
SFR-KF50 MINI-SFR-KF50 Datasheet
224Kb / 2P
Adapter SMA-Fem to 2.92mm-Fem
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com