Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF-SF50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # NF-SF50
Description  N-FEM to SMA-FEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

NF-SF50 Datasheet(HTML) 1 Page - Mini-Circuits

  NF-SF50 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Dimensions (
)
inch
mm
NF-SF50+
50Ω
DC to 18 GHz
Adapter, N-FEM to SMA-FEM
REV. D
M121747
NF-SF50+
EE-9107
RS/TD/CP/AM
090728
Coaxial
A
B
C
D
E
wt
--
.70
--
1.23
--
grams
--
17.78
--
31.24
--
26.0
Features
• flat response
• excellent VSWR
• passivated stainless steel
• low cost adapters, available from stock
Applications
• interconnection of RF cables and equipment
Outline Drawing
CASE STYLE: DJ827
Connectors
Model
Price
Qty.
Conn1
Conn2
N-FEM
SMA-FEM NF-SF50+
$22.95 ea. (1-49)
FREQUENCY
(GHz)
INSERTION LOSS
(dB)
VSWR (:1)
Max.
f
L-fU
Typ.
DC-8
GHz
DC-12.4
GHz
DC-18
GHz
DC-18
0.1
1.15
1.20
1.25
Electrical Specifications T
AMB=25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
N-FEM
SMA-FEM
NF-SF50+
INSERTION LOSS
0.00
0.10
0.20
0.30
0.40
0.50
0
3000
6000
9000
12000 15000 18000
FREQUENCY(MHz)
NF-SF50+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
3000
6000
9000
12000
15000
18000
FREQUENCY(MHz)
SMA FEMALE
N FEMALE
Permanent damage may occur if any of these limits are
exceeded.
10.00
0.01
1.00
1.00
50.00
0.01
1.00
1.00
100.00
0.01
1.00
1.00
500.00
0.02
1.00
1.01
1000.00
0.03
1.00
1.01
1500.00
0.04
1.01
1.01
2000.00
0.04
1.01
1.02
2500.00
0.05
1.02
1.03
3000.00
0.06
1.02
1.03
4000.00
0.07
1.02
1.03
5000.00
0.08
1.03
1.04
6000.00
0.09
1.06
1.04
9000.00
0.09
1.05
1.04
10000.00
0.11
1.00
1.05
12000.00
0.15
1.08
1.07
13000.00
0.14
1.10
1.10
14000.00
0.10
1.09
1.11
15000.00
0.11
1.04
1.05
17000.00
0.18
1.15
1.09
18000.00
0.18
1.21
1.21
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-SF50 MINI-NF-SF50 Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
More results

Similar Description - NF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
N-FEM to BNC-MALE
logo
RF Micro Devices
RF5604 RFMD-RF5604 Datasheet
753Kb / 9P
5V, 475MHZ TO 625MHZ FEM
logo
Mini-Circuits
NF-NF50 MINI-NF-NF50_15 Datasheet
185Kb / 1P
Adapter, N-FEM to N-FEM
SFR-KF50 MINI-SFR-KF50 Datasheet
224Kb / 2P
Adapter SMA-Fem to 2.92mm-Fem
logo
Linx Technologies
CSJ-SGFB-CCC-MHF4 LINX-CSJ-SGFB-CCC-MHF4 Datasheet
100Kb / 1P
CBL ASSEMBLY, MHF4 TO FEM. BLKHD SMA, 0.81mm CBL
CSJ-SGFB-100-MHF3 LINX-CSJ-SGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD SMA, 0.81mm CBL
CSI-SGFE-100-UFFR LINX-CSI-SGFE-100-UFFR Datasheet
90Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM BLKHD SMA, 1.13mm CBL
CSI-SAFB-YYY-UFFR LINX-CSI-SAFB-YYY-UFFR Datasheet
84Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-MAR-14
CSI-SGFB-100-UFFR LINX-CSI-SGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD SMA, 1.13mm CBL
26-JUL-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com