Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620A Datasheet (PDF) - STMicroelectronics

TSV620A Datasheet PDF - STMicroelectronics
Part # TSV620A
Download  TSV620A Download
File Size   805.57 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers

TSV620A Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV620A Datasheet PDF - STMicroelectronics

Part # TSV620A
Download  TSV620A Click to download

File Size   805.57 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers

TSV620A Datasheet (HTML) - STMicroelectronics


TSV620A Product details

Description
The TSV620, TSV620A, TSV621, and TSV621A are single operational amplifiers offering low voltage, low power operation, and rail-to-rail input and output. With a very low input bias current and low offset voltage (800 µV maximum for the A version), the TSV62x is ideal for applications requiring precision. The device can operate at a power supply ranging from 1.5 to 5.5 V, and therefore suit battery-powered devices and extend their battery life. This product features an excellent speed/power consumption ratio, offering a 420 kHz gain bandwidth while consuming only 29 µA at a 5 V supply voltage. These operational amplifiers are unity gain stable for capacitive loads up to 100 pF. The device is internally adjusted to provide very narrow dispersion of AC and DC parameters, especially power consumption, product gain bandwidth, and slew rate. The TSV62x present high tolerance to ESD, sustaining 4 kV for the human body model. The device is offered in macropackages, SC70-6 and SOT23-6 for the TSV620 and SC70-5 and SOT23-5 for the TSV621. They are guaranteed for industrial temperature ranges from -40 °C to 125 °C. All these features make the TSV620, TSV620A, TSV621, and TSV621A ideal for sensor interfaces, battery-supplied and portable applications, as well as active filtering. VDD VCC In+ InOut 1 2 3 5 4 +_ VDD VCC In+ InOut 1 2 3 5 4 +_ 1 2 3 5 4 +_ TSV621ICT/ILT SC70-5/SOT23-5 VCCIn+ InOut 1 2 3 6 4 +_ 1 2 3 6 4 +_ 5 SHDN VCC+ TSV620ICT/ILT SC70-6/SOT23-6

Features
■ Low supply voltage: 1.5 V–5.5 V
■ Rail-to-rail input and output
■ Low input offset voltage: 800 µV max (A version)
■ Low power consumption: 29 µA typ
■ Low power shutdown mode: 5 nA typ (TSV620)
■ Gain bandwidth product: 420 kHz typ
■ Unity gain stability
■ Micropackages: SC70-5/6, SOT23-5/6
■ Low input bias current: 1 pA typ
■ Extended temperature range: -40 to 125 °C
■ 4 kV HBM

Applications
■ Battery-powered applications
■ Portable device
■ Signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - TSV620A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV621ICT STMICROELECTRONICS-TSV621ICT Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV621ILT STMICROELECTRONICS-TSV621ILT Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
More results


Similar Description - TSV620A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational
January 2013 Rev 5
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com