Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV620A
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620A Datasheet(HTML) 4 Page - STMicroelectronics

  TSV620A Datasheet HTML 1Page - STMicroelectronics TSV620A Datasheet HTML 2Page - STMicroelectronics TSV620A Datasheet HTML 3Page - STMicroelectronics TSV620A Datasheet HTML 4Page - STMicroelectronics TSV620A Datasheet HTML 5Page - STMicroelectronics TSV620A Datasheet HTML 6Page - STMicroelectronics TSV620A Datasheet HTML 7Page - STMicroelectronics TSV620A Datasheet HTML 8Page - STMicroelectronics TSV620A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
Document header RPN(s)
4/24
DocID14912 Rev 3
2
Electrical characteristics
Table 3. Electrical characteristics at VCC+ = 1.8 V with VDD = 0 V, Vicm = VCC/2, Top = 25 °C, and RL
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV62x
TSV62xA
4
0.8
mV
Tmin < Top < Tmax
TSV62x
TSV62xA
6
2.8
∆Vio/∆T Input offset voltage drift
2
µV/°C
Iio
Input offset current
(Vout = VCC/2)
1
10 (1)
pA
Tmin < Top < Tmax
1100
Iib
Input bias current
(Vout = VCC/2)
1
10 (1)
Tmin < Top < Tmax
1100
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
53
74
dB
Tmin < Top < Tmax
51
Avd
Large signal voltage gain
RL= 10 kΩ, Vout= 0.5 V to 1.3 V
78
95
Tmin < Top < Tmax
73
VOH
High level output voltage
(VOH = VCC - Vout)
RL = 10 kΩ
535
mV
Tmin < Top < Tmax
50
VOL
Low level output voltage
RL = 10 kΩ
435
Tmin < Top < Tmax
50
Iout
Isink
Vo = 1.8 V
6
12
mA
Tmin < Top < Tmax
4
Isource
Vo = 0 V
6
10
Tmin < Top < Tmax
4
ICC
Supply current (per operator)
No load, Vout = VCC/2
25
31
µA
Tmin < Top < Tmax
33
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF,
f = 100 kHz
275
340
kHz
Fu
Unity gain frequency
RL = 10 kΩ, CL = 100 pF
280
φm
Phase margin
45
Degrees
Gm
Gain margin
9
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, Av = 1
0.084
0.11
0.14
V/µs
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com