Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV620A
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV620A Datasheet HTML 8Page - STMicroelectronics TSV620A Datasheet HTML 9Page - STMicroelectronics TSV620A Datasheet HTML 10Page - STMicroelectronics TSV620A Datasheet HTML 11Page - STMicroelectronics TSV620A Datasheet HTML 12Page - STMicroelectronics TSV620A Datasheet HTML 13Page - STMicroelectronics TSV620A Datasheet HTML 14Page - STMicroelectronics TSV620A Datasheet HTML 15Page - STMicroelectronics TSV620A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Application information
Document header RPN(s)
12/24
DocID14912 Rev 3
3
Application information
3.1
Operating voltages
The TSV620, TSV620A, TSV621, and TSV621A can operate from 1.5 to 5.5 V. Their
parameters are fully specified for 1.8, 3.3, and 5 V power supplies. However, the parameters
are very stable in the full VCC range and several characterization curves show the TSV62x
characteristics at 1.5 V. Additionally, the main specifications are guaranteed in extended
temperature ranges from -40 °C to 125 °C.
3.2
Rail-to-rail input
The TSV62x is built with two complementary PMOS and NMOS input differential pairs. The
device has a rail-to-rail input and the input common mode range is extended from
(VCC-) - 0.1 V to (VCC+) + 0.1 V. The transition between the two pairs appears at VCC - 0.7 V.
In the transition region, the performances of CMRR, PSRR, Vio and THD are slightly
degraded (as shown in Figure 14 and Figure 15 for Vio vs. Vicm).
The device is guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifier’s output level can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
Figure 14. Input offset voltage vs input common
mode at VCC+ = 1.5 V
Figure 15. Input offset voltage vs input common
mode at VCC+ = 5 V
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0.0
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com