Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV620A Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV620A
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV620A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV620A Datasheet HTML 9Page - STMicroelectronics TSV620A Datasheet HTML 10Page - STMicroelectronics TSV620A Datasheet HTML 11Page - STMicroelectronics TSV620A Datasheet HTML 12Page - STMicroelectronics TSV620A Datasheet HTML 13Page - STMicroelectronics TSV620A Datasheet HTML 14Page - STMicroelectronics TSV620A Datasheet HTML 15Page - STMicroelectronics TSV620A Datasheet HTML 16Page - STMicroelectronics TSV620A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DocID14912 Rev 3
13/24
Document header RPN(s)
Application information
24
3.4
Shutdown function (TSV620)
The operational amplifier is enabled when the SHDN pin is pulled high. To disable the
amplifier, the SHDN pin must be pulled down to VCC-. When in shutdown mode, the
amplifier output is in a high impedance state. The SHDN pin must never be left floating but
tied to VCC+ or VCC-.
The turn-on and turn-off times are calculated for an output variation of ±200 mV (Figure 16
and Figure 17 show the test configurations).
Figure 16. Test configuration for turn-on time
(Vout pulled down)
Figure 17. Test configuration for turn-off time
(Vout pulled down)
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
Vcc-0.5V
+
-
+Vcc
DUT
GND
GND
Figure 18. Turn-on time, VCC = 5 V,
Vout pulled down, T = 25 °C
Figure 19. Turn-off time, VCC = 5 V,
Vout pulled down, T = 25 °C
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
Time( s)
Shutdown pulse
Vout
Vcc = 5V
T = 25°C
Time( s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com