Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV734 Datasheet (PDF) - STMicroelectronics

TSV734 Datasheet PDF - STMicroelectronics
Part # TSV734
Download  TSV734 Download
File Size   1255.95 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers

TSV734 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV734 Datasheet PDF - STMicroelectronics

Part # TSV734
Download  TSV734 Click to download

File Size   1255.95 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers

TSV734 Datasheet (HTML) - STMicroelectronics


TSV734 Product details

Description
The TSV73x series of single, dual, and quad operational amplifiers offer low-voltage operation, rail-to-rail input and output, and excellent accuracy (Vio lower than 200 μV at 25 ° C). These devices benefit from STMicroelectronics® 5 V CMOS technology and offer an excellent speed/power consumption ratio (900 kHz typical gain bandwidth) while consuming 60 μA typical at 5 V. The TSV73x series also feature an ultra-low input bias current. The single version (TSV731), the dual version (TSV732), and the quad version (TSV734) are housed in the smallest industrial packages. These characteristics make the TSV73x family ideal for sensor interfaces, battery-powered and portable applications, and active filtering. Single (TSV731) SC70-5 DFN8 2x2 MiniSO-8 Dual (TSV732) Quad (TSV734) QFN16 3x3 TSSOP14

Features
■ Low offset voltage: 200 µV max.
■ Low power consumption: 60 µA at 5 V
■ Low supply voltage: 1.5 V to 5.5 V
■ Gain bandwidth product: 900 kHz typ.
■ Low input bias current: 1 pA typ.
■ Rail-to-rail input and output
■ EMI hardened operational amplifiers
■ High tolerance to ESD: 4 kV HBM
■ Extended temperature range: -40 to +125 °C Benefits
■ Higher accuracy without calibration
■ Energy saving
■ Guaranteed operation on low-voltage battery Related products
■ See the TSV71 series (150 kHz for 14 μA) for more power savings

Applications
■ Battery powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - TSV734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV711ICT STMICROELECTRONICS-TSV711ICT Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712 STMICROELECTRONICS-TSV712 Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712IQ2T STMICROELECTRONICS-TSV712IQ2T Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712IST STMICROELECTRONICS-TSV712IST Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
More results


Similar Description - TSV734

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSU111 STMICROELECTRONICS-TSU111 Datasheet
1Mb / 30P
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
14-Nov-2016
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com