Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV734 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV734
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV734 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV734 Datasheet HTML 1Page - STMicroelectronics TSV734 Datasheet HTML 2Page - STMicroelectronics TSV734 Datasheet HTML 3Page - STMicroelectronics TSV734 Datasheet HTML 4Page - STMicroelectronics TSV734 Datasheet HTML 5Page - STMicroelectronics TSV734 Datasheet HTML 6Page - STMicroelectronics TSV734 Datasheet HTML 7Page - STMicroelectronics TSV734 Datasheet HTML 8Page - STMicroelectronics TSV734 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2013
DocID023708 Rev 2
1/29
29
TSV731, TSV732, TSV734
High accuracy (200
μV) micropower 60 μA, 900 kHz
5 V CMOS operational amplifiers
Datasheet
- preliminary data
Features
• Low offset voltage: 200 µV max.
• Low power consumption: 60 µA at 5 V
• Low supply voltage: 1.5 V to 5.5 V
• Gain bandwidth product: 900 kHz typ.
• Low input bias current: 1 pA typ.
• Rail-to-rail input and output
• EMI hardened operational amplifiers
• High tolerance to ESD: 4 kV HBM
• Extended temperature range: -40 to +125 °C
Benefits
• Higher accuracy without calibration
• Energy saving
• Guaranteed operation on low-voltage battery
Related products
• See the TSV71 series (150 kHz for 14 μA) for
more power savings
Applications
• Battery powered applications
• Portable devices
• Signal conditioning
• Active filtering
• Medical instrumentation
Description
The TSV73x series of single, dual, and quad
operational amplifiers offer low-voltage operation,
rail-to-rail input and output, and excellent
accuracy (Vio lower than 200 μV at 25 ° C).
These devices benefit from STMicroelectronics®
5 V CMOS technology and offer an excellent
speed/power consumption ratio (900 kHz typical
gain bandwidth) while consuming 60
μA typical at
5 V. The TSV73x series also feature an
ultra-low input bias current.
The single version (TSV731), the dual version
(TSV732), and the quad version (TSV734) are
housed in the smallest industrial packages.
These characteristics make the TSV73x family
ideal for sensor interfaces, battery-powered and
portable applications, and active filtering.
Single (TSV731)
SC70-5
DFN8 2x2
MiniSO-8
Dual (TSV732)
Quad (TSV734)
QFN16 3x3
TSSOP14
www.st.com


Similar Part No. - TSV734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV711ICT STMICROELECTRONICS-TSV711ICT Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712 STMICROELECTRONICS-TSV712 Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712IQ2T STMICROELECTRONICS-TSV712IQ2T Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
TSV712IST STMICROELECTRONICS-TSV712IST Datasheet
1Mb / 29P
EMI hardened operational amplifiers
March 2013 Rev 2
More results

Similar Description - TSV734

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
23-May-2013
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
26-Mar-2013
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
STMicroelectronics
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
600
TSZ121 STMICROELECTRONICS-TSZ121 Datasheet
2Mb / 38P
Very high accuracy zero drift micropower 5 V operational amplifiers
09-May-2016
TSU111 STMICROELECTRONICS-TSU111 Datasheet
1Mb / 30P
Nanopower (900 nA), high accuracy (150 µV) 5 V CMOS operational amplifier
14-Nov-2016
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSU111H STMICROELECTRONICS-TSU111H Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com