Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV734 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV734
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV734 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV734 Datasheet HTML 7Page - STMicroelectronics TSV734 Datasheet HTML 8Page - STMicroelectronics TSV734 Datasheet HTML 9Page - STMicroelectronics TSV734 Datasheet HTML 10Page - STMicroelectronics TSV734 Datasheet HTML 11Page - STMicroelectronics TSV734 Datasheet HTML 12Page - STMicroelectronics TSV734 Datasheet HTML 13Page - STMicroelectronics TSV734 Datasheet HTML 14Page - STMicroelectronics TSV734 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID023708 Rev 2
11/29
TSV731, TSV732, TSV734
Electrical characteristics
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
700
900
kHz
Fu
Unity gain frequency
700
Φm
Phase margin
48
Degrees
Gm
Gain margin
15
dB
SR
Slew rate(5)
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.35
V/
μs
∫ en
Low-frequency peak-to-peak
input noise
Bandwidth: f = 0.1 to 10 Hz
7
µVpp
en
Equivalent input noise
voltage
f = 1 kHz
35
f = 10 kHz
32
THD+N
Total harmonic distortion +
noise
fin = 1 kHz, ACL = 1,
RL = 100 kΩ, Vicm = (VCC - 1 V)/2,
BW = 22 kHz, Vout = 0.5 Vpp
0.002
%
tinit
Initialization time(6)
T = 25 °C
5
ms
-40 °C < T< 125 °C
50
1. See Section 4.4: Input offset voltage drift over temperature.
2. Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration. See Section 4.5:
Long-term input offset voltage drift.
3. Guaranteed by characterization.
4. Tested on SC70-5 package.
5. Slew rate value is calculated as the average between positive and negative slew rates.
6. Initialization time is defined as the delay after power-up to guarantee operation within specified performances. Guaranteed
by design. See Section 4.6: Initialization time.
Table 5. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C,
and RL = 10 kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com