Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV734 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSV734
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV734 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSV734 Datasheet HTML 15Page - STMicroelectronics TSV734 Datasheet HTML 16Page - STMicroelectronics TSV734 Datasheet HTML 17Page - STMicroelectronics TSV734 Datasheet HTML 18Page - STMicroelectronics TSV734 Datasheet HTML 19Page - STMicroelectronics TSV734 Datasheet HTML 20Page - STMicroelectronics TSV734 Datasheet HTML 21Page - STMicroelectronics TSV734 Datasheet HTML 22Page - STMicroelectronics TSV734 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID023708 Rev 2
19/29
TSV731, TSV732, TSV734
Application information
4.6
Initialization time
The TSV73x series of devices use a proprietary trimming topology that is initiated at each
device power-up and allows excellent Vio performance to be achieved. The initialization time
is defined as the delay after power-up which guarantees operation within specified
performances. During this period, the current consumption (ICC) and the input offset voltage
(Vio) can be different to the typical ones.
Figure 22. Initialization phase
The initialization time is VCC and temperature dependent. Table 6 sums up the
measurement results for different supply voltages and for temperatures varying from -40 °C
to 125 °C.
4.7
PCB layouts
For correct operation, it is advised to add a 10 nF decoupling capacitors as close as
possible to the power supply pins.
Table 6. Initialization time measurement results
VCC (V)
Temperature: -40 °C
Temperature: 25 °C
Temperature: 125 °C
Tinit (ms)
ICC phase 1 (mA)
Tinit (ms)
ICC phase 1 (mA)
Tinit (ms)
ICC phase 1 (mA)
1.8
37
0.33
3.2
0.40
0.35
0.46
3.3
2.9
1.4
0.95
1.3
0.34
1.2
5
2.4
3.2
0.85
2.4
0.31
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com