Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56517FDLJ Datasheet (PDF) - Renesas Technology Corp

R5F56517FDLJ Datasheet PDF - Renesas Technology Corp
Part # R5F56517FDLJ
Download  R5F56517FDLJ Download
File Size   1871.83 Kbytes
Page   190 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,

R5F56517FDLJ Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F56517FDLJ Datasheet PDF - Renesas Technology Corp

Part # R5F56517FDLJ
Download  R5F56517FDLJ Click to download

File Size   1871.83 Kbytes
Page   190 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,

R5F56517FDLJ Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - R5F56517FDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56517FDLJ RENESAS-R5F56517FDLJ Datasheet
2Mb / 246P
Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
R5F56517FDLJ RENESAS-R5F56517FDLJ Datasheet
2Mb / 188P
Renesas MCUs
Rev.2.40 Oct 31, 2023
More results


Similar Description - R5F56517FDLJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com