Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52744SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M52744SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M52744SP
Download  M52744SP Download
File Size   136.06 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER

M52744SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52744SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M52744SP
Download  M52744SP Click to download

File Size   136.06 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER

M52744SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M52744SP Product details

DESCRIPTION
M52743SP and M52744SP is semiconductor integrated circuit for CRT display monitor.
It includes OSD blanking, OSD mixing, retrace blanking, wide band amplifre, brightness control.
Main/sub contrast and OSD adjust function can be controlled by I2C bus.

FEATURES
• Frequency band width: RGB.............................150MHz (at -3dB)
                                        OSD..............................................80MHz
   Input :RGB.............................................................0.7VP-P (typ.)
             OSD..........................................3VP-P minimum (positive)
             BLK (for OSD)...........................3VP-P minimum (positive)
             Retrace BLK.............................3VP-P minimum (positive)
   Output :RGB...........................................................5.5VP-P (max.)
                OSD..............................................................5VP-P (max.)
• Main contrast and sub contrast can be controlled by I2C bus.
• Include internal and external pedestal clamp circuit.

APPLICATION
   CRT display monitor




Similar Part No. - M52744SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
logo
Mitsubishi Electric Sem...
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
I2C BUS Controlled 3-Channel Video Preamplifier
More results


Similar Description - M52744SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
STMicroelectronics
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
Renesas Technology Corp
M52742ASP RENESAS-M52742ASP Datasheet
377Kb / 27P
BUS Controlled 3-Channel Video Preamp for CRT Display Monitor
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
I2C BUS Controlled 3-Channel Video Preamplifier
logo
ON Semiconductor
LA3161 ONSEMI-LA3161 Datasheet
134Kb / 7P
2-Channel Preamplifier
August 2014 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com