Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV040 Datasheet (PDF) - ATMEL Corporation

AT49BV040 Datasheet PDF - ATMEL Corporation
Part # AT49BV040
Download  AT49BV040 Download
File Size   268.09 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory

AT49BV040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV040 Datasheet PDF - ATMEL Corporation

Part # AT49BV040
Download  AT49BV040 Click to download

File Size   268.09 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory

AT49BV040 Datasheet (HTML) - ATMEL Corporation


AT49BV040 Product details

Description
The AT49BV/LV040 are 3-volt only, 4-megabit Flash memories organized as 524,288 words of 8-bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technol ogy, the devices offer access times to 70 ns with power dissipation of just 90 mW over the commercial temperature range. When the device is deselected, the CMOS standby current is less than 50 µA.
The device contains a user-enabled “boot block” protection feature. The AT49BV/LV040 locates the boot block at lowest order addresses (“bottom boot”)

Features
• Single Voltage for Read and Write: 2.7V to 3.6V (BV), 3.0V to 3.6V (LV)
• Fast Read Access Time – 70 ns
• Internal Program Control and Timer
• 16K Bytes Boot Block with Lockout
• Fast Chip Erase Cycle Time – 10 seconds
• Byte-by-byte Programming – 30 µs/Byte Typical
• Hardware Data Protection
• Data Polling for End of Program Detection
• Low Power Dissipation
   – 25 mA Active Current
   – 50 µA CMOS Standby Current
• Typical 10,000 Write Cycles
• Small Packaging
   – 8 x 14 mm VSOP/TSOP




Similar Part No. - AT49BV040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-15CC ATMEL-AT49BV040-15CC Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-15CI ATMEL-AT49BV040-15CI Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-15JC ATMEL-AT49BV040-15JC Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040-15JI ATMEL-AT49BV040-15JI Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Similar Description - AT49BV040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com