Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L356 Datasheet (PDF) - IXYS Corporation

L356 Datasheet PDF - IXYS Corporation
Part # L356
Download  L356 Download
File Size   44.76 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerDynFRED Epitaxial Diode with soft recovery

L356 Datasheet (PDF)

Go To PDF Page Download Datasheet
L356 Datasheet PDF - IXYS Corporation

Part # L356
Download  L356 Click to download

File Size   44.76 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerDynFRED Epitaxial Diode with soft recovery

L356 Datasheet (HTML) - IXYS Corporation


L356 Product details

Features
• Silicon chip on Direct-Copper-Bond substrate
    - High power dissipation
    - Isolated mounting surface
    - 2500V electrical isolation
• Low cathode to tab capacitance (<25pF)
• International standard package
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low IRM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0
• Isolated and UL registered E153432

Applications
• Antiparallel diode for high frequency switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters and motor control circuits
• Rectifiers in switch mode power supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders




Similar Part No. - L356

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
L35-2N56-JHF MAGNETROL-L35-2N56-JHF Datasheet
1Mb / 36P
Liquid Level Switches
logo
Nippon Pulse America, I...
L350DS NPM-L350DS Datasheet
850Kb / 4P
Linear Shaft Motor
L350QS NPM-L350QS Datasheet
850Kb / 4P
Linear Shaft Motor
L350SS NPM-L350SS Datasheet
850Kb / 4P
Linear Shaft Motor
L350TS NPM-L350TS Datasheet
850Kb / 4P
Linear Shaft Motor
More results


Similar Description - L356

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06AS IXYS-DSEP6-06AS Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12CR IXYS-DSEP30-12CR Datasheet
19Kb / 1P
HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
DSEP29-06A IXYS-DSEP29-06A Datasheet
50Kb / 3P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
L373 IXYS-L373 Datasheet
19Kb / 1P
HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
DSEP15-12CR IXYS-DSEP15-12CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery
DSEA16-06BC IXYS-DSEA16-06BC Datasheet
539Kb / 3P
HiPerDynFRED Epitaxial Diode ISOPLUS220
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X25-12C IXYS-DSEP2X25-12C Datasheet
56Kb / 2P
HiPerDynFRED Epitaxial Diode with soft recovery
DSEP12-12B IXYS-DSEP12-12B Datasheet
158Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com