Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L356 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L356
Description  HiPerDynFRED Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L356 Datasheet(HTML) 2 Page - IXYS Corporation

  L356 Datasheet HTML 1Page - IXYS Corporation L356 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2004 IXYS All rights reserved
2 - 2
DSEP 9-06CR
200
600
1000
0
400
800
30
35
40
45
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
040
80
120
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
20
40
60
80
0.0
0.4
0.8
1.2
1.6
V
FR
di
F/dt
V
200
600
1000
0400
800
0
5
10
15
20
100
1000
0.0
0.1
0.2
0.3
0.4
012
345
0
5
10
15
20
25
30
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
µC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
DSEP 9-06CR
T
VJ = 150°C
T
VJ = 100°C
T
VJ =
25°C
I
F = 20 A
I
F = 10 A
I
F =
5 A
I
F = 20 A
I
F = 10 A
I
F =
5 A
I
F = 20 A
I
F = 10 A
I
F =
5 A
T
VJ = 100°C
I
F
= 10 A
T
VJ = 100°C
V
R =
300 V
T
VJ = 100°C
V
R
= 300 V
T
VJ = 100°C
V
R =
300 V
I
RM
Q
R
V
FR
t
rr
Fig. 3 Typ. peak reverse current
I
RM
versus -di
F/dt
Fig. 2 Typ. reverse recovery charge
Q
r
versus -di
F/dt
Fig. 1 Max. forward current
I
F versus VF
Fig. 4 Typ. dynamic parameters
Q
r, IRM versus TVJ
Fig. 5 Typ. recovery time
t
rr versus -diF/dt
Fig. 6 Typ. peak forward voltage
V
FR and tfr versus diF/dt
Fig. 7 Transient thermal resistance junction to case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com