Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L356 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L356
Description  HiPerDynFRED Epitaxial Diode with soft recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L356 Datasheet(HTML) 1 Page - IXYS Corporation

  L356 Datasheet HTML 1Page - IXYS Corporation L356 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
1 - 2
DSEP 9-06CR
I
FAV
=9 A
V
RRM
= 600 V
t
rr
= 15 ns
V
RSM
V
RRM
Type
V
V
600
600
DSEP 9-06CR
Symbol
Conditions
Maximum Ratings
I
FRMS
50
A
I
FAVM
T
C = 140°C; rectangular, d = 0.5
9
A
I
FRM
t
P < 10 µs; rep. rating, pulse width limited by TVJM
tbd
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
80
A
E
AS
T
VJ = 25°C; non-repetitive
0.5
mJ
I
AS = 2 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.2
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
150
W
V
ISOL
50/60 Hz RMS; I
ISOL ≤ 1 mA
2500
V~
F
C
mounting force with clip
20...120
N
Weight
typical
6
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
①
T
VJ = 25°C
V
R = VRRM
50
µA
T
VJ = 150°C VR = VRRM
0.2
mA
V
F
②
I
F = 9 A;
T
VJ = 150°C
2.9
V
T
VJ =
25°C
4.0
V
R
thJC
1
K/W
R
thCH
0.25
K/W
t
rr
I
F = 1 A; -di/dt = 200 A/µs;
15
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 10 A; -diF/dt = 100 A/µs
3.5
4.1
A
T
VJ = 100°C
HiPerDynFREDTM Epitaxial Diode
with soft recovery
(Electrically Isolated Back Surface)
A = Anode, C = Cathode
* Patent pending
ISOPLUS 247TM
A
C
Isolated back surface *
C
A
Pulse test:
① Pulse Width = 5 ms, Duty Cycle < 2.0 %
② Pulse Width = 300 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
Features
• Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
• Low cathode to tab capacitance (< 25pF)
• International standard package
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low I
RM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0
• Isolated and UL registered E153432
Applications
• Antiparallel diode for high frequency
switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters
and motor control circuits
• Rectifiers in switch mode power
supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders
Advantages
• Avalanche voltage rated for reliable
operation
• Soft reverse recovery for low EMI/RFI
• Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
Dimensions see Outlines.pdf


Similar Part No. - L356

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
L35-2N56-JHF MAGNETROL-L35-2N56-JHF Datasheet
1Mb / 36P
Liquid Level Switches
logo
Nippon Pulse America, I...
L350DS NPM-L350DS Datasheet
850Kb / 4P
Linear Shaft Motor
L350QS NPM-L350QS Datasheet
850Kb / 4P
Linear Shaft Motor
L350SS NPM-L350SS Datasheet
850Kb / 4P
Linear Shaft Motor
L350TS NPM-L350TS Datasheet
850Kb / 4P
Linear Shaft Motor
More results

Similar Description - L356

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEP6-06AS IXYS-DSEP6-06AS Datasheet
48Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP30-12CR IXYS-DSEP30-12CR Datasheet
19Kb / 1P
HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
DSEP29-06A IXYS-DSEP29-06A Datasheet
50Kb / 3P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP60-06A IXYS-DSEP60-06A Datasheet
41Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
L373 IXYS-L373 Datasheet
19Kb / 1P
HiPerDynFRED with soft recovery (Electrically Isolated Back Surface)
DSEP15-12CR IXYS-DSEP15-12CR Datasheet
21Kb / 1P
HiPerDynFREDTM Epitaxial Diode with soft recovery
DSEA16-06BC IXYS-DSEA16-06BC Datasheet
539Kb / 3P
HiPerDynFRED Epitaxial Diode ISOPLUS220
DSEP29-03A IXYS-DSEP29-03A Datasheet
42Kb / 2P
HiPerFREDTM Epitaxial Diode with soft recovery
DSEP2X25-12C IXYS-DSEP2X25-12C Datasheet
56Kb / 2P
HiPerDynFRED Epitaxial Diode with soft recovery
DSEP12-12B IXYS-DSEP12-12B Datasheet
158Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com