Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX107 Datasheet (PDF) - Maxim Integrated Products

MAX107 Datasheet PDF - Maxim Integrated Products
Part # MAX107
Download  MAX107 Download
File Size   1423.12 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier

MAX107 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX107 Datasheet PDF - Maxim Integrated Products

Part # MAX107
Download  MAX107 Click to download

File Size   1423.12 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier

MAX107 Datasheet (HTML) - Maxim Integrated Products


MAX107 Product details

General Description
The MAX107 is a dual, 6-bit, analog-to-digital converter (ADC) designed to allow fast and precise digitizing of inphase (I) and quadrature (Q) baseband signals. The MAX107 converts the analog signals of both I and Q components to digital outputs at 400Msps while achieving a signal-to-noise ratio (SNR) of typically 37dB with an input frequency of 125MHz, and an integral nonlinearity (INL) and differential nonlinearity (DNL) of ±0.25 LSB. The MAX107 analog input preamplifiers feature a 400MHz, -0.5dB, and a 1.5GHz, -3dB analog input bandwidth.

Features
♦ Two Matched 6-Bit, 400Msps ADCs
♦ Excellent Dynamic Performance
    36.7dB SINAD at fIN ≈ 125MHz and fCLK ≈ 400MHz
♦ Typical INL and DNL: ±0.25LSB
♦ Channel-to-Channel Phase Matching: ±0.2°
♦ Channel-to-Channel Gain Matching: ±0.04dB
♦ 6:12 Demultiplexer reduces the Data Rates to 200MHz
♦ Low Error Rate: 1016 Metastable States at 400Msps
♦ LVDS Digital Outputs in Two’s Complement Format

Applications
    VSAT Receivers
    WLANs
    Test Instrumentation
    Communications Systems




Similar Part No. - MAX107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
560Kb / 10P
Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
523Kb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070ETC+T MAXIM-MAX1070ETC+T Datasheet
523Kb / 18P
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results


Similar Description - MAX107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1003 MAXIM-MAX1003 Datasheet
115Kb / 12P
Low-Power, 90Msps, Dual 6-Bit ADC
19-1236; Rev 0; 6/97
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX105 MAXIM-MAX105 Datasheet
669Kb / 21P
Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier
19-2006; Rev 0; 5/01
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
`짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
logo
Maxim Integrated Produc...
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
logo
Avia Semiconductor Co.,...
HX720 AVIA-HX720 Datasheet
51Kb / 1P
24-Bit ADC with On-chip 3.3V Output Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com