Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3255 Datasheet (PDF) - First Components International

FC3255 Datasheet PDF - First Components International
Part # FC3255
Download  FC3255 Download
File Size   2303.78 Kbytes
Page   18 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.5A PWM Switching Regulators

FC3255 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC3255 Datasheet PDF - First Components International

Part # FC3255
Download  FC3255 Click to download

File Size   2303.78 Kbytes
Page   18 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 1.5A PWM Switching Regulators

FC3255 Datasheet (HTML) - First Components International




Similar Part No. - FC3255

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Similar Description - FC3255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
PWM Switching Regulators
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com