Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3255 Datasheet(PDF) 6 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 6 Page - First Components International

Back Button FC3255 Datasheet HTML 2Page - First Components International FC3255 Datasheet HTML 3Page - First Components International FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
Temperature (°C)
Figure 2. Minimum Input Voltage vs.
Temperature
1.9
1.8
1.7
1.6
1.5
Figure 3. Switching Frequency vs.
Temperature (GM3255 only)
285
280
275
270
265
260
255
0
50
100
Temperature (°C)
Figure 4. Current Limit vs. Temperature
2.60
2.50
2.40
2.30
2.20
0
50
100
Temperature (°C)
V
= 30 V
CC
V
= 12V
CC
V
= 2.7V
CC
7.2
7.0
6.8
6.6
6.4
6.2
6.0
5.8
5.6
Figure 1. I
(No Switching) vs.
CC
Temperature
V
= 30 V
CC
V
= 12V
CC
V
= 2.7V
CC
0
50
100
Temperature (°C)
Figure 5. Maximum Duty Cycle vs. Temperature
99
98
97
96
95
94
93
0
50
100
Temperature (°C)
V
= 30V
CC
V
= 12V
CC
V
= 22.7V
CC
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com