Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3255 Datasheet(PDF) 12 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 12 Page - First Components International

Back Button FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Where:
In selecting appropriate values for the slope compen-
sation network, the designer is advised to choose a
convenient capacitor, then select values for R2 and R3
such that the amount of slope compensation added is
100mA /µs. Then R2 may increased or decreased as
necessary. Of course, the series combination of R2
and R3 should be large enough to avoid drawing ex-
cessive current from V
. Additionally, to ensure that
SW
the control loop stability is improved, the time constant
formed by the additional components should be cho-
sen such that
Finally, it is worth mentioning that the added slope
compensation is a trade-off between duty cycle stability
and transient response. The more slope compensation
a designer adds, the slower the transient response will
be, due to the external circuitry interfering with the
proper operation of the error amplifier.
Soft Start
Through the addition of an external circuit, a soft-start
function can be added to 3255 of components.
Soft-start circuitry prevents the V
pin from slamming
C
high during startup, thereby inhibiting the inductor cur-
rent from rising at a high slope.
This circuit, shown in Figure 15, requires a minimum
number of components and allows the soft-start cir-
cuitry to activate any time the SS pin is used to restart
the converter.
DI /DT = the amount of slope compensation added (A/s);
V
= the voltage at the switch node when the transistor
SW
is turned off (V);
f
= the switching frequency, typically 280kHz
SW
(3255) or 560kHz
D = the duty cycle;
R = 0.063W, the value of the internal emitter resistor;
E
A = 5V/V, the gain of the current sense amplifier.
V
RC <
33
1 - D
f
SW
Resistor R1 and capacitors C1 and C2 form the com-
pensation network. At turn on, the voltage at the VC
pin starts to come up, charging capacitor C3 through
Schottky diode D2, clamping the voltage at the V pin
C
such that switching begins when V
reaches the V
CC
threshold, typically 1.05V (refer to graphs for detail
over temperature).
Therefore, C3 slows the startup of the circuit by limit-
ing the voltage on the V
pin. The soft- start time in-
C
creases with the size of C3.
Diode D1 discharges C3 when SS is low. If the shut-
down function is not used with this part, the cathode of
D1 should be connected to V .
IN
Calculating Junction Temperature
To ensure safe operation of the GM3255, the de-
signer must calculate the on-chip power dissipation
and determine its expected junction temperature.
Internal thermal protection circuitry will turn the part off
once the junction temperature exceeds 180°C ± 30°C.
However, repeated operation at such high tempera-
tures will ensure a reduced operating life.
Calculation of the junction temperature is an impre-
cise but simple task. First, the power losses must be
quantified. There are three major sources of power
loss on 3255:
Biasing of internal control circuitry, PBIAS
Switch driver, PDRIVER
Switch saturation, PSAT
The internal control circuitry, including the oscillator
and linear regulator, requires a small amount of power
even when the switch is turned off. The specifications
section of this datasheet reveals that the typical oper-
ating current I , due to this circuitry is 5.5 mA.
Q
Additional guidance can be found in the graph of op-
erating current vs. temperature. This graph shows that
I
is strongly dependent on input voltage, V , and
QIN
temperature. Then
Since the onboard switch is an NPN transistor, the
base drive current must be factored in as well. This
current is drawn from the V
pin, in addition to the
IN
control circuitry current. The base drive current is
listed in the specifications as DI/DI
or switch
,
CC
SW
transconductance. As before the designer will find ad-
ditional guidance in the graphs. With that information,
the designer can calculate
V = V
+ V
C
F(D2)
C3
Figure 15. Soft Start
V
IN
SS
Test
C3
D1
V
CC
4 µA
V
C
C1
R1
C2
Q
SS
Test
P
= V I
BIAS
IN Q
P
= V I
X
XD
DRIVER
IN SW
ICC
DISW
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com