Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3255 Datasheet(PDF) 13 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 13 Page - First Components International

Back Button FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Where
I
= the current through the switch;
SW
D = the duty cycle or percentage of switch on-time.
I
and D are dependent on the type of converter. In
SW
a boost convert,
In a flyback converter,
The switch saturation voltage, V
, is the last ma-
(CE)SAT
jor source of on-chip power loss. V
is the collec-
(CE)SAT
tor-emitter voltage of the internal NPN transistor when
it is driven into saturation by its base drive current. The
value for V
can be obtained from the specifica-
(CE)SAT
tions or from the graphs, as "Switch Saturation
Voltage." Thus,
Finally, the total on-chip power losses are
Power dissipation in a semiconductor device results in
the generation of heat in the junctions at the surface of
the chip. This heat is transferred to the surface of the
IC package, but a thermal gradient exists due to the re-
sistive properties of the package molding compound.
The magnitude of the thermal gradient is expressed in
manufacturers' data sheets as Q , or junction-to- ambi-
JA
ent thermal resistance. The on-chip junction tempera-
ture can be calculated if Q , the air temperature near
JA
the surface of the IC, and the on-chip power dissipation
are known.
T = T + (P Q )
JA
D JA
where:
T = IC or FET junction temperature (°C);
J
T = ambient temperature (°C);
A
P = power dissipated by part in question(W);
D
Q
= junction-to ambient thermal resistance (°C / W).
JA
For 3255,
Q
= 165°C / W. Once the designer
JA
has calculated T , the question of whether the 3255
J
can be used in an application is settled. If T exceeds
J
150°C, the absolute maximum allowable junction tem-
perature, the 3255 is not suitable for that applica-
tion.
I
@ I
X D X
SW(AVG)
LOAD
1
Efficiency
D @
V
-V
OUT
IN
V
OUT
I
@
X
SW(AVG)
1
Efficiency
V
I
OUT LOAD
V
IN
D @
V
OUT
V
+
V
OUT
IN
NS
NP
P
@ VI
X D
SAT
(CE)SAT SW
P
= P
+ P
+ P
D
BIAS
DRIVER
SAT
If T
approaches 150°C, the designer should con-
J
sider possible means of reducing the junction temper-
ature. Perhaps another converter topology could be
selected to reduce the switch current. Increasing the
airflow across the surface of the chip might be consid-
ered to reduce T .
A
Output Setting
3255 develops a 1.276 V reference (V
) from
REF
the FB pin to ground. Output voltage is set by con-
necting the FB pin to an output resistor divider (Figure
16). The FB pin bias current represents a small error
and can usually be ignored for values of R2 up to 7k.
The suggested value for R2 is 6.19k.
Circuit Layout Guidelines
In any switching power supply, circuit layout is very
important for proper operation. Rapidly switching cur-
rents combined with trace inductance generates volt-
age transitions that can cause problems. Therefore
the following guidelines should be followed in the lay-
out.
1. In boost circuits, high AC current circulates within
the loop composed of the diode, output capacitor, and
on-chip power transistor. The length of associated
traces and leads should be kept as short as possible.
In the flyback circuit, high AC current loops exist on
both sides of the transformer. On the primary side,
the loop consists of the input capacitor, transformer,
and on-chip power transistor, while the transformer,
rectifier diodes, and output capacitors form another
loop on the secondary side. Just as in the boost cir-
cuit, all traces and leads containing large AC current
should be kept short.
2. Separate the low current signal grounds from the
power grounds. Use single point grounding or ground
plane construction for the best results.
3. Locate the voltage feedback as near the IC as, pos-
sible to keep the sensitive feedback wiring short.
Connect feedback resistors to the low current analog
ground.
VOUT
VREF
FB
PIN
R1
R2
V=
OUT
V
(1 +
)
REF
R1
R2
R1 = R2 (
-1)
VOUT
1.276
Figure 16. Output Resistor Divider
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com