Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3255 Datasheet(PDF) 1 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 1 Page - First Components International

  FC3255 Datasheet HTML 1Page - First Components International FC3255 Datasheet HTML 2Page - First Components International FC3255 Datasheet HTML 3Page - First Components International FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
3255 products are 280 kHz switching regulators with a
high efficiency, 1.5 A integrated switch. These parts oper-
ate over a wide input voltage range, from 2.7 V to 30 V.
The flexibility of the design allows the chips to operate in
most power supply configurations, including boost, flyback,
forward, inverting, and SEPIC. The ICs utilize current
mode architecture, which allows excellent load and line reg-
ulation, as well as a practical means for limiting current.
Combining high frequency operation with a highly inte-
grated regulator circuit results in an extremely compact
power supply solution. The circuit design includes provi-
sions for features such as frequency synchronization, shut-
down, and feedback controls for either positive or negative
voltage regulation.
Application
Boost Regulators
CCFL Backlight Driver
Laptop Computer Supplies
Multiple Output Flyback Supplies
Inverting Supplies
TFT LCD Bias Supplies
TYPICAL APPLICATION CIRCUITS
Features
Integrated Power Switch: 1.5 A Guaranteed
Input Voltage Range: 2.7 V to 30 V
High Frequency Allows for Small Components
Minimum External Components
Easy External Synchronization
Built in Overcurrent Protection
Frequency Foldback Reduces Component
Stress During an Overcurrent Condition
Thermal Shutdown with Hysteresis
Regulates Either Positive or Negative Output
Voltages
Shut Down Current: 50 µA Maximum
Wide Temperature Range Commercial
Commercial Grade : 0 to 70°C (3255)
3255
V
C
FB
Test
SS
V
SW
PGND
AGND
V
CC
1
2
3
4
5
6
7
8
R2
3.72K
C1
0.01µF
SS
3.3V
R1
5k
R3
1.28k
C2
22µF
L1
22µH
D1
MBRS120T3
V
OUT
5V
C3
22µF
+
+
FC3255 1.5A PWM Switching Regulators


Similar Part No. - FC3255

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - FC3255

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
1.5A, DC/DC Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
PWM Switching Regulators
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com