Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M650 Datasheet (PDF) - Integrated Circuit Systems

M650 Datasheet PDF - Integrated Circuit Systems
Part # M650
Download  M650 Download
File Size   647.83 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Voltage Controlled SAW Oscillators

M650 Datasheet (PDF)

Go To PDF Page Download Datasheet
M650 Datasheet PDF - Integrated Circuit Systems

Part # M650
Download  M650 Click to download

File Size   647.83 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Voltage Controlled SAW Oscillators

M650 Datasheet (HTML) - Integrated Circuit Systems


M650 Product details

DESCRIPTION
The M650 Series of Voltage Controlled SAW Oscillators is a low cost solution for many Telecom applications. An internal SAW filter provides jitter performance of less than 0.5psec (rms).
This device is specified for an operating temperature range of -40°C to +85°C. A disable feature forces the output into a static condition by applying a logic “0” to the clock enable input. The oscillator is housed in a hermetically-sealed, leadless surface mount package.
The M650 Series of VCOs is available over an output frequency range of 155MHz to 900MHz. The device is most suited for phase-locked loop applications as well as clock and data recovery circuits.

FEATURES
■ Output Frequencies at 155MHz to 900MHz
■ Low Phase Jitter, 0.5psec (rms) typical
■ 3.3 Volt Supply Operation
■ Complementary Outputs
■ Output Disable Feature
■ LCC Surface Mount Package (9 x 14mm)

APPLICATION
■ Clock Smoothing for OC192/OC48/OC12/OC3
■ Clock Smoothing for STS96/STS48/STS12/STS3/STS1
■ Frequency Translation
■ Clock and Data Retiming




Similar Part No. - M650

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
M650 SENSATA-M650 Datasheet
775Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:02/13/25
M650-00-01 SENSATA-M650-00-01 Datasheet
775Kb / 3P
PLATFORM CONTROL SYSTEM FOR SLAB SCISSOR LIFT
Rev:02/13/25
logo
Enercon Technologies Eu...
M6500 ENERCON-M6500 Datasheet
631Kb / 7P
M6500 SERIES DC/DC POWER SUPPLY
Nov 2, 2021
logo
PETERMANN-TECHNIK
M6502 PETERMANN-M6502 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
More results


Similar Description - M650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Integrated Circuit Syst...
M655 ICST-M655 Datasheet
627Kb / 6P
Voltage Controlled SAW Oscillators
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com