Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M650 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M650
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M650 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M650 Datasheet HTML 1Page - Integrated Circuit Systems M650 Datasheet HTML 2Page - Integrated Circuit Systems M650 Datasheet HTML 3Page - Integrated Circuit Systems M650 Datasheet HTML 4Page - Integrated Circuit Systems M650 Datasheet HTML 5Page - Integrated Circuit Systems M650 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M650 Series
Performance Specifications
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
2
Integrated Circuit Systems
Specifications @ Vcc = +3.3 Volts, Vee = 0 Volts, and Ta = +25°C unless otherwise specified
PARAMETER
Min
Typ
Max
Units
Output Frequency
155
900
MHz
Absolute Pull Range
±50
ppm
Frequency Stability (-40°C to +85°C)
-130
ppm
Duty Cycle
45
55
%
Spurious Suppression
-50
-60
dBc
Linearity
±6%
Logic Levels
Vol1
Vcc - 1.95
Vcc - 1.63
Volts
Voh2
Vcc - 0.98
Vcc - 0.75
Volts
Input Control Voltage (Vc) Range
0
Vcc
Volts
VCO Gain
200
ppm/V
Vc Input Impedance
8
12
kΩ
Vc Modulation BW
500
kHz
Clock/Output Enable (Pin 2)
2.0
Vcc +0.3
Volts
Clock/Output Disable (Pin 2)
-0.3
0.8
Volts
Output Rise Time
250
400
psec
Output Fall Time
250
400
psec
Jitter @ 155.520MHz offset from carrier
12kHz to 20MHz
0.230
psec rms
Jitter @ 622.080MHz offset from carrier
12kHz to 80MHz
0.458
psec rms
Phase Noise (offset from carrier)
100Hz
-65
dBc/Hz
1kHz
-95
dBc/Hz
10kHz
-120
dBc/Hz
100kHz
-140
dBc/Hz
Operating Temperature
-40
25
+85
°C
Supply Current
Icc
80
95
mA
Supply Voltage
Vcc
3.2
3.3
3.4
V
Notes: 1. Output levels are standard 10K ECL and are fully 100K ECL compatible.
2. Transition times are measured from 20% to 80% of a full 10K ECL level swing.
-170
-160
-150
-140
-130
-120
-110
-100
-90
1E+03
1E+04
1E+05
1E+0
Frequency in Hz
SPECIFICATIONS
Phase Noise



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com