Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M650 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M650
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M650 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M650 Datasheet HTML 1Page - Integrated Circuit Systems M650 Datasheet HTML 2Page - Integrated Circuit Systems M650 Datasheet HTML 3Page - Integrated Circuit Systems M650 Datasheet HTML 4Page - Integrated Circuit Systems M650 Datasheet HTML 5Page - Integrated Circuit Systems M650 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M650 Series
Performance Specifications
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
4
Integrated Circuit Systems
Micro Networks has subjected their VCSO component
to various reflow profiles and test conditions for
optimum substrate mounting performance. The
conditions suggested here are recommended
temperature settings for the VCSO device during the
reflow processes. The best case condition for the
device is a slow ramp up to prevent thermal shock
before reaching reflow temperatures of Sn/Pb flux
activated solder with a melting point of 183 degree
Celsius. The M650 device should not see
temperatures above 183 degrees Celsius for an
extended periods beyond 60 seconds. Maximum
peak temperature for the device should not exceed
220 degrees Celsius for longer then 20 seconds.
Micro Networks has designed the M650 device as a
sealed unit. The package is 100% tested for seal
defects. Aqueous, solvent, or other wash type
cleaning methods is acceptable for this device.
IR REFLOW PROFILE
TAPE & REEL
A
B
C
D
E
F
G
H
I
N
O
J
K
L
M
180
220
150
100
50
60
60–90
105–150
Time (seconds)
IR Reflow Profile
(Vendor Recommendation)
TAPE
MM
REEL
MM
A24F
1.78
B
11.5
G
21
C
1.5
H
13
D4
I
100
E12
J
5
M
9.2
K
25
N
14.5
L
330
O
3.7
No. per Reel: 300 Max
TAPE & REEL DIMENSIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com