Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M830 Datasheet (PDF) - Integrated Circuit Systems

M830 Datasheet PDF - Integrated Circuit Systems
Part # M830
Download  M830 Download
File Size   169.63 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module

M830 Datasheet (PDF)

Go To PDF Page Download Datasheet
M830 Datasheet PDF - Integrated Circuit Systems

Part # M830
Download  M830 Click to download

File Size   169.63 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module

M830 Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - M830

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-01 AVX-M830120-01 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-02 AVX-M830120-02 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
logo
List of Unclassifed Man...
M830310 ETC2-M830310 Datasheet
163Kb / 2P
Savvi Embedded Bluetooth Antennas 2.4 - 2.5 GHz
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
More results


Similar Description - M830

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
OC-192 MODULATOR DRIVER AMPLIFIER
logo
Integrated Device Techn...
IDT5T940 IDT-IDT5T940 Datasheet
68Kb / 10P
PRECISION CLOCK GENERATOR OC-192 APPLICATIONS
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
SiPHY OC-192/STM-64 TRANSMITTER
logo
Integrated Circuit Syst...
M840 ICST-M840 Datasheet
1,006Kb / 4P
OC-192 MULTI-RATE CLOCK RECOVERY MODULE
logo
Analog Devices
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com