Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M830 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M830
Description  12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M830 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M830 Datasheet HTML 1Page - Integrated Circuit Systems M830 Datasheet HTML 2Page - Integrated Circuit Systems M830 Datasheet HTML 3Page - Integrated Circuit Systems M830 Datasheet HTML 4Page - Integrated Circuit Systems M830 Datasheet HTML 5Page - Integrated Circuit Systems M830 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M830 Series
Preliminary Specifications
Micro Networks
An Integrated Circuit Systems Company
ISO 9001
Registered
ISO 9001
Registered
The M830 Series CDR module is specifically
designed to regenerate the spectral clock
component from an incoming NRZ data stream,
incorporating forward error correction, and output a
low-jitter clock and retimed complementary data.
The module utilizes a phase-locked loop
architecture incorporating a high-stability, low noise
SAW VCO to provide extremely low jitter clock and
data outputs. The incoming data is frequency
doubled to recover the clock component. The
clock signal is then filtered by a microwave band
pass filter to remove wide band noise and spurious
signal. This signal is further filtered using the
narrow band SAW VCO based PLL to minimize the
noise close to the carrier. The low jitter clock is
then used to retime the data and serves as the
module’s clock output. The module provides user-
controlled clock phase shifter and output data
crossover adjustments to optimize system
performance.
PLL lock-in range and loop transfer characteristics
are optimized for minimal jitter in accordance with
ITU and Bellcore standards for SONET/SDH
systems.
Superior PLL-based jitter performance
8psec p-p jitter
0.9Vp-p complementary data outputs
1 Ul externally adjustable clock phase
200mVp-p input sensitivity
Optional adjustable bias @ data input to
decision circuit
Externally adjustable decision threshold
SONET OC-192 and SDH STM Physical
Layer and Clock and Data Recovery
Applications Incorporating Forward
Error Correction
Operating Temp. Range (Case) ............................. 0°C to +70°C
Storage Temp. Range (Ambient) ..................... -40°C to +125°C
Power Supply Voltage
Vcc: ...................................................... +5.25Vdc
Vee: ...................................................... -5.25Vdc
Ref Voltage
....................................................... +0.3 to -1.6V
Phase Shift Control ..................................................... 0 to +15V
ABSOLUTE MAX RATINGS
APPLICATIONS
FEATURES
DESCRIPTION
12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
M830 Series


Similar Part No. - M830

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-01 AVX-M830120-01 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
M830120-02 AVX-M830120-02 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
logo
List of Unclassifed Man...
M830310 ETC2-M830310 Datasheet
163Kb / 2P
Savvi Embedded Bluetooth Antennas 2.4 - 2.5 GHz
logo
AVX Corporation
M830320 AVX-M830320 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
More results

Similar Description - M830

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
622 Mb/s Clock & Data Recovery
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
OC-192 MODULATOR DRIVER AMPLIFIER
logo
Integrated Device Techn...
IDT5T940 IDT-IDT5T940 Datasheet
68Kb / 10P
PRECISION CLOCK GENERATOR OC-192 APPLICATIONS
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
SiPHY OC-192/STM-64 TRANSMITTER
logo
Integrated Circuit Syst...
M840 ICST-M840 Datasheet
1,006Kb / 4P
OC-192 MULTI-RATE CLOCK RECOVERY MODULE
logo
Analog Devices
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com