Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS393 Datasheet (PDF) - Pericom Semiconductor Corporation

PS393 Datasheet PDF - Pericom Semiconductor Corporation
Part # PS393
Download  PS393 Download
File Size   270.39 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Quad, SPST, Analog Switches

PS393 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS393 Datasheet PDF - Pericom Semiconductor Corporation

Part # PS393
Download  PS393 Click to download

File Size   270.39 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Precision, Quad, SPST, Analog Switches

PS393 Datasheet (HTML) - Pericom Semiconductor Corporation


PS393 Product details

Description
The PS391/ PS392/ PS393 are improved, quad, single-pole singlethrow (SPST) analog switches designed to operate with ±3V to ±8V power supplies or a single 3V to 15V supply. The PS391 has four normally closed (NC) switches, the PS392 has four normally open (NO) switches. The PS393 has two NO and two NC switches. All three devices offer low leakage (<2pA typ) and fast switching speeds (tON<130ns). Power consumption is less than 1µA, ideal for battery-powered equipment.

Features
• Low On-Resistance, (16−ohms typ) Minimizes Distortion and Error Voltages
• On-Resistance Match Between Channels, <2 ohms
• Guaranteed On-Resistance Flatness, <4 ohms
• Low Charge Injection, 3pC typ.
• Improved Leakage Over Temperature, <2.5nA at +85oC
• ESD Rating >2000V per Method 3015.7
• Single-Supply Operation (+3V to +15V)
• Bipolar-Supply Operation (±3V to ±8V)
• Low Power Consumption, <1µA
• TTL/CMOS Compatible

Applications
• Instrumentation
• Battery Powered Systems
• Audio Switching
• ±5V Data Acquisition Systems
• Sample-and-Hold Circuits
• Telecommunications Systems




Similar Part No. - PS393

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS393 PERICOM-PS393 Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
More results


Similar Description - PS393

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com